PART |
Description |
Maker |
PLC-BSC-230UC |
14 mm PLC basic terminal block with screw connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 2 PDTs, input voltage 230 V AC/DC
|
PHOENIX CONTACT
|
DR48D30 DR48D25-21 DR48A25 DR48A25-22 DR48R25 |
Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
|
Teledyne Technologies Incorporated.
|
DRD48A20 DRD48R20 DRD48D20 DRD48D25 |
Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
|
Teledyne Technologies Incorporated
|
3RP1505-1AQ30 3RP1525-1AQ30 3RP1525-1BQ30 3RP1525- |
MULTI-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 0.05-1s, DIN-RAIL MOUNT ON-DELAY RELAY, SPDT, MOMENTARY, 0.083A (COIL), 24VDC (COIL), 2000mW (COIL), 0.05-1s, DIN-RAIL MOUNT Multifunction Solid State DIN Mount Time Delay Relay Multifunction Solid State DIN Mount Time Delay Relay
|
Ecliptek, Corp. Tyco Electronics
|
CMA4825P-10 CMA4850 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:10VAC; Control Voltage Min:140VAC; Load Current Max:50A; Switching:Zero Cross RoHS Compliant: Yes
|
CRYDOM CORP
|
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
4GH8621 4GH862M 4GH862R 4GH862T 4GH8441 4SH8805 4G |
POWER/SIGNAL RELAY, 8PST, MOMENTARY, 100VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 8PST, MOMENTARY, 24VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 8PST, MOMENTARY, 110VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 8PST, MOMENTARY, 12VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 8PST, MOMENTARY, 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 5PST, MOMENTARY, 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 8PST, MOMENTARY, 220VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 8PST, MOMENTARY, 200VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 4PST, MOMENTARY, 100VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT POWER/SIGNAL RELAY, 4PST, MOMENTARY, 200VDC (COIL), 10A (CONTACT), 300VDC (CONTACT), DIN-RAIL MOUNT
|
FUJI ELECTRIC CO LTD
|
AQV210EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
TSS2J47 TSS2G45 TSS2G47 TSS2J45 |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR (TSS2x4x) TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor] http://
|
|